Part Number Hot Search : 
F2850DA 2SAR554R 70013 TC186 00400 WF4244ML AD7755AN 3003BR
Product Description
Full Text Search
 

To Download MB15E05PFV1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ds04-21330-1e fujitsu semiconductor data sheet assp single serial input pll frequency synthesizer on-chip 2.0ghz prescaler mb15e05 n description the fujitsu mb15e05 is serial input phase locked loop (pll) frequency synthesizers with a 2.0 ghz prescaler. a 64/65 or a 128/129 can be selected for the prescaler that enables pulse swallow operation. the latest bicmos process technology is used, resuitantly a supply current is limited as low as 6ma typ. this operates with a supply voltage of 3.0v (typ.). furthermore, a super charger circuit is included to get a fast tuning as well as low noise performance. as a result of this, mb15e05 is ideally suitable for digital mobile communications, such as pcn (personal communication network), pcs (personal communication service), etc. n features high frequency operation: 2.0 ghz max low power supply voltage: v cc = 2.7 to 3.6v very low power supply current : i cc = 6.0 ma typ. (vcc = 3v) power saving function : i ps = 10 m a max. pulse swallow function: 64/65 or 128/129 serial input 14-bit programmable reference divider: r = 5 to 16,383 serial input 18-bit programmable divider consisting of: - binary 7-bit swallow counter: 0 to 127 - binary 11-bit programmable counter: 5 to 2,047 wide operating temperature: ta = ?0 to 85 c plastic 16-pin ssop package (fpt-16p-m05) n package 16-pin, plastic ssop this device contains circuitry to protect the inputs against damage due to high static voltages or electroc ?lds. however, it is advised that normal precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high impedance circuit. (fpt-16p-m05)
2 mb15e05 n pin assignment top 1 2 3 4 5 6 16 15 14 13 12 11 7 8 10 9 view oscin f r vp vcc oscout do f p ld/fout zc ps x? ? le data clock gnd
3 mb15e05 n pin descriptions pin no. pin name i/o descriptions 1 osc in i programmable reference divider input. oscillator input. connection for an crystal or a tcxo. tcxo should be connected with a coupling capacitor. 2 osc out o oscillator output. connection for an external crystal. 3v p power supply voltage input for the charge pump. 4v cc power supply voltage input. 5d o o charge pump output. phase of the charge pump can be reversed by fc input. 6 gnd ground. 7 xfin i prescaler complementary input, and should be grounded via a capacitor. 8 fin i prescaler input. connection with an external vco should be done with ac coupling. 9 clock i clock input for the 19-bit shift register. data is shifted into the shift register on the rising edge of the clock. (open is prohibited.) 10 data i serial data input using binary code. the last bit of the data is a control bit. (open is prohibited.) control bit = ? ; data is transmitted to the programmable reference counter. control bit = ? ; data is transmitted to the programmable counter. 11 le i load enable signal input (open is prohibited.) when le is high, the data in the shift register is transferred to a latch, according to the control bit in the serial data. 12 ps i power saving control input. this pin should be set at ? at power-on. (open is prohibited.) ps = ? ; normal mode ps = ? ; power saving mode 13 zc i forced high-impedance control for the charge pump (with internal pull up resistor.) zc = ? ; normal do output. zc = ? ; do becomes high impedance. 14 ld/fout o lock detect signal output(ld)/ phase comparator monitoring output (fout). the output signal is selected by lds bit in the serial data. lds = ? ; outputs fout (fr/fp monitoring output) lds = ? ; outputs ld (? at locking, ? at unlocking.) 15 f p o phase comparator output for an external charge pump. 16 f r o phase comparator output for an external charge pump.
4 mb15e05 n block diagram 1 osc in osc out v p v cc crystal oscillator circuit 17-bit latch programmable reference divider binary 14-bit reference counter phase comparator charge pump ld/fout data 19-bit shift register 19-bit shift register 7-bit latch 18-bit latch 11-bit latch binary 7-bit swallow counter programmable divider binary 11-bit programmable counter 1 2 3 4 d o 5 gnd 6 xf in 7 clock 9 10 le 11 ps 12 14 f p f r 16 prescaler 64/65, 128/129 super charger le sw md fp fp fp fr fr ld/fr/fp selector intermittent mode control (power save) le f in 8 ld lock detector sw c n t 1-bit control latch 14-bit latch 3-bit latch lds fc zc 13 control circuit 15
5 mb15e05 n absolute maximum ratings note: permanent device damage may occur if the above absolute maximum ratings are exceeded. functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. exposure to absolute maximum rating conditions for extended periods may affect device reliability. n recommended operating conditions notes: to protect against damage by electrostatic discharge, note the following handling precautions: -store and transport devices in conductive containers. -use properly grounded workstations, tools, and equipment. -turn off power before inserting or removing this device into or from a socket. -protect leads with conductive sheet, when transporting a board mounted device. parameter symbol rating unit remark power supply voltage v cc ?.5 to +4.0 v v p v cc to +6.0 v input voltage v i ?.5 to v cc +0.5 v output voltage v o ?.5 to v cc +0.5 v storage temperature t stg ?5 to +125 c parameter symbol value unit remark min typ max power supply voltage v cc 2.7 3.0 3.6 v v p v cc 6.0 v input voltage v i gnd v cc v operating temperature ta ?0 +85 c
6 mb15e05 n electrical characteristics *1: conditions ; vcc = 3.0v, ta = 25 c, in locking state. *2: conditions ; ta = 25 c parameter symbol condition value unit min typ max power supply current* 1 i cc ? if = 2000mhz, fosc = 12mhz 6.0 ma power saving current* 2 ips vcc current at ps =? and zc = ? 10 m a operating frequency fin 100 2000 mhz crystal oscillator operating frequency f osc min. 500mvp-p 3 40 mhz input sensitivity ? vfin if 50 w termina- tion (refer to the test circuit.) ?0 +2 dbm oscin v osc 500 v cc mvp? input voltage data, clock, le, ps, zc v ih vccx0.7 v v il vccx0.3 input current data, clock, le, ps i ih ?.0 +1.0 m a i il ?.0 +1.0 zc i ih ?.0 +1.0 m a i il pull up input ?00 0 oscin i ih 0 +100 m a i il ?00 0 output voltage f pv ol open drain output 0.4 v f r, ld/fout v oh vcc-0.4 v v ol 0.4 do v doh vcc-0.4 v v dol 0.4 high impedance cutoff current do i off 1.1 m a output current f pi ol open drain output 1.0 ma f r, ld/fou i oh ?.0 ma i ol 1.0 do i doh vcc = 3.0v, vp = 5v, v doh = 4.0v ?0.0* 2 ma i dol vcc = 3.0v, vp = 5v, v dol = 1.0v 10.0* 2
7 mb15e05 n function descriptions pulse swallow function the divide ratio can be calculated using the following equation: f vco = [(m x n) + a] x f osc ? r (a < n) f vco : output frequency of external voltage controlled oscillator (vco) n : preset divide ratio of binary 11-bit programmable counter (5 to 2,047) a : preset divide ratio of binary 7-bit swallow counter (0 a 127) f osc : output frequency of the reference frequency oscillator r : preset divide ratio of binary 14-bit programmable reference counter (5 to 16,383) m : preset divide ratio of modules prescaler (64 or 128) serial data input serial data is processed using the data, clock, and le pins. serial data controls the programmable reference divider and the programmable divider separately. binary serial data is entered through the data pin. one bit of data is shifted into the shift register on the rising edge of the clock. when the load enable pin is high, stored data is latched according to the control bit data as follows: table.1 control bit shift register con?uration control bit (cnt) destination of serial data h 17 bit latch (for the programmable reference divider) l 18 bit latch (for the programmable divider) programmable reference counter c n t 1 2 r 2 3 r 4 4 r 5 5 r 6 6 r 7 7 r 8 8 r 9 9 r 10 10 r 11 11 r 12 12 r 13 13 r 14 14 sw 15 fc 16 lds 17 lsb msb data flow r 1 r 3 18 cnt : control bit [table. 1] r1 to r14 : divide ratio setting bit for the programmable reference counter (5 to 16,383) [table. 2] sw : divide ratio setting bit for the prescaler (64/65 or 128/129) [table. 5] fc : phase control bit for the phase comparator [table. 7] lds : ld/fout signal select bit [table. 6] note : start data input with msb ?st
8 mb15e05 table2. binary 14-bit programmable reference counter data setting note: divide ratio less than 5 is prohibited. table.3 binary 11-bit programmable counter data setting note: divide ratio less than 5 is prohibited. divide ratio (n) range = 5 to 2,047 divide ratio (r) r 14 r 13 r 12 r 11 r 10 r 9 r 8 r 7 r 6 r 5 r 4 r 3 r 2 r 1 5 00000000000101 6 00000000000110 16383 11111111111111 divide ratio (n) n 11 n 10 n 9 n 8 n 7 n 6 n 5 n 4 n 3 n 2 n 1 5 00000000101 6 00000000110 2047 11111111111 programmable reference counter lsb msb data flow cnt : control bit [table. 1] n1 to n11 : divide ratio setting bits for the programmable counter (5 to 2,047) [table. 3] a1 to a7 : divide ratio setting bits for the swallow counter (0 to 127) [table. 4] note : start data input with msb ?st c n t 1 2 3 45 a 1 6 a 2 7 a 3 8 a 4 9 a 5 10 a 6 11 a 7 12 n 1 13 n 2 14 n 3 15 n 4 16 n 5 17 n 6 18 n 7 19 n 8 n 9 n 10 n 11
9 mb15e05 table.4 binary 7-bit swallow counter data setting note: divide ratio (a) range = 0 to 127 table. 5 prescaler data setting table. 6 ld/fout output select data setting relation between the fc input and phase characteristics the fc bit changes the phase characteristics of the phase comparator. both the internal charge pump output level (d o ) and the phase comparator output ( f r, f p) are reversed according to the fc bit. also, the monitor pin (f out ) output is controlled by the fc bit. the relationship between the fc bit and each of d o , f r, and f p is shown below. table. 7 fc bit data setting (lds = ?? * : high impedance divide ratio (a) a 7 a 6 a 5 a 4 a 3 a 2 a 1 0 0000000 1 0000001 127 1111111 sw prescaler divide ratio h 64/65 l 128/129 lds ld/fout output signal h fout signal l ld signal fc = high fc = low do f r f p ld/fout do f r f p ld/fout f r > f p h l l (fr) l h z* (fp) f r < f p l h z* (fr) h l l (fp) f r = f p z* l z* (fr) z* l z* (fp)
10 mb15e05 when designing a synthesizer, the fc pin setting depends on the vco and lpf characteristics. power saving mode (intermittent mode control circuit) setting a ps pin to low, the ic enters into power saving mode resultatly current sonsumption can be limited to 10 m a (max.). setting ps pin to high, power saving mode is released so that the ic works normally. in addition, the intermittent operation control circuit is included which helps smooth start up from the power saving mode. in general, the power consumption can be saved by the intermittent operation that powering down or waking up the synthesizer. such case, if the pll is powered up uncontrolled, the resulting phase comparator output signal is unpredictable due to an unde?ed phase relation between reference frequency (f r ) and comparison frequency (f p ) and may in the worst case take longer time for lock up of the loop. to prevent this, the intermittent operation control circuit enforces a limited error signal output of the phase detector during power up, thus keeping the loop locked. during the power saving mode, the corresponding section except for indispensable circuit for the power saving function stops working, then current consumption is reduced to 10 m a per one pll section. at that time, the do and ld become the same state as when a loop is locking. that is, the do becomes high impedance. a vco control voltage is naturally kept at the locking voltage which de?ed by a lpf? time constant. as a result of this, vcos frequency is kept at the locking frequency. note: while the power saving mode is executed, zc pin should be set at ? or open. if zc is set at ? during power saving mode, approximately 10 m a current ?ws. ps pin must be set ? at power-on. the power saving mode can be released (ps : l ? h) 1 m s later after power supply remains stable. during the power saving mode, it is possible to input the serial data. table.8 ps pin setting table.9 zc pin setting ps pin status h normal mode l power saving mode zc pin do output h normal output l high impedance lpf input voltage vco output frequency ? - * : when the lpf and vco characteristics are similar to ? , set fc bit high. * : when the vco characteristics are similar to - , set fc bit low. pll lpf vco
11 mb15e05 n serial data input timing msb lsb data clock le t1 t3 t6 t5 on rising edge of the clock, one bit of the data is transferred into the shift register. parameter unit max. typ. min. t1 t2 t3 t4 ns ns ns ns 20 20 30 20 30 100 100 t5 t6 t7 ns ns ns t4 t7 parameter unit max. typ. min. t2
12 mb15e05 n phase comparator output waveform notes: 1. phase error detection range: ? p to +2 p 2. pulses on do output signal during locked state are output to prevent dead zone. 3. ld output becomes low when phase is t wu or more. ld output becomes high when phase error is t wl or less and continues to be so for three cysles or more. 4. t wu and t wl depend on oscin input frequency. t wu > 8/fosc (e. g. t wu > 625ns, foscin = 12.8 mhz) t wl < 16/fosc (e. g. t wl < 1250ns, foscin = 12.8 mhz) 5. ld becomes high during the power saving mode (ps = ??) fp fr ld [ fc = ? ] f p f r do [ fc = ? ] f p f r do h l z t wu t wl h l z
13 mb15e05 n test circuit (for measuring input sensitivity ?/oscin) 87654321 9 10111213141516 1000p 50 w 0.1 m v cc v p p ?g p ?g 0.1 m 1000p 50 w controller (setting divide ratio) oscilloscope 1000p vcc
14 mb15e05 n application example 16 15 14 13 12 11 10 9 mb15e05 12345678 1000p 0.1 m c 1 x tal lpf vco osc in osc out v p v cc d o gnd xf in f in c 2 output from a controller c 1 , c 2 : depend on the crystal parameters 12k 12k 10k 10k 0.1 m 1000p to a lock detect. f r f p ld/f out zc ps le data clock
15 mb15e05 n typical characteristics v? (dbm) [ta = +25 c] main. counter div. ratio = 4104 swallow="on" v cc = vp 0 1000 2000 3000 4000 ? (mhz) +10 0 ?0 ?0 ?0 ?0 v? vs. ? 5.0 4.0 3.0 2.0 1.0 0 v ol (v) [ta = +25 c] 0 5 10 15 20 [v cc = 3 v, vp =3 v, 5 v] 5.0 4.0 3.0 2.0 1.0 0 vp = 3 v vp = 5 v do output current v oh (v) [ta = +25 c] 0 ? ?0 ?5 ?0 [v cc = 3 v, vp =3 v, 5 v] ? input sensitivity oscin input characteristics vfosc (dbm) [ta = +25 c] ref. counter div. ratio = 767 ?, x? : open 0 50 100 150 200 +10 0 ?0 ?0 ?0 ?0 v?sc vs. fosc i oh (ma) i ol (ma) v cc =2.7 v v cc =3.0 v v cc =3.6 v v cc =2.7 v v cc =3.0 v v cc =3.6 v vp = 3 v vp = 5 v spec fosc (mhz) spec (continued)
16 mb15e05 (continued) 1: 19.508 w ?24.4 w 500 mhz 2: 10.139 w ?7.135 w 1 ghz 3: 10.783 w ?1.995 w 1.5 ghz 4: 18.13 w 14.664 w 1.1669 nh 2 000.000 000 mhz 1 2 3 4 1: 28.348 k w ?9.661 k w 1 mhz 2: 593.25 w ?.615 k w 10 mhz 4: 152.56 w ?.2722 k w 50 mhz 3: 484.25 w ?.8518 k w 2.7905 pf 20.000 000 mhz 1 2 3 4 ? input impedance oscin input impedance ? oscin
17 mb15e05 n reference information pll lock up time = 500 m s (1797.6 mhz ? 1872.4 mhz, within 1khz) d mkr x : 500.01844 m s y : ?4.8009 mhz 38.00500 mhz 2.000 khz/div 29.99500 mhz 18.1339 m s 1.9903829 ms pll phase noise @ within loop band = 69.4 dbc/hz ref 10db/ rbw 300 hz vbw 300 hz span 50.0 khz center 1.8350000 gh z 0.0 dbm att 10 db d mkr x : 500.01844 m s 250.0000 mhz 50.00000 mhz/div 0 hz 18.1339 m s 1.9903829 ms pll reference leakage @ 200 khz offset = 74.6 dbc ref 10db/ rbw 10 khz vbw 10 khz span 1.00 mhz center 1.8350000 ghz 0.0 dbm att 10 db y : ?4.8009 mhz 3000 pf 0.03 m f 400 pf 910 w 15 k w typical plots measured with the test circuit are shown below. each plot shows lock up time, phase noise and reference leakage. s.g lpf vco spectrum analyzer oscin do ? test circuit fvco = 1835 mhz kv = 87 mhz/v fr = 200 khz fosc = 13 mhz lpf:
18 mb15e05 n ordering information part number package remarks MB15E05PFV1 16-pin plastic ssop (fpt-16p-m05)
19 mb15e05 n package dimension +0.20 C0.10 +.008 C.004 +0.10 C0.05 +.004 C.002 +0.05 C0.02 +.002 C.001 index "a" 0.10(.004) 1.25 .049 0.22 .009 0.15 .006 (.0256.0047) * (.173.004) (.252.008) nom 6.400.20 4.400.10 5.40(.213) 0.650.12 * 5.000.10(.197.004) 4.55(.179)ref details of "a" part 0 10 (stand off) 0.100.10(.004.004) (.020.008) 0.500.20 1994 fujitsu limited f16013s-2c-4 c dimensions in mm (inches) 16 pins, plastic ssop (fpt-16p-m05) * : these dimensions do not include resin protrusion.
24 fujitsu limited for further information please contact: japan fujitsu limited corporate global business support division electronic devices kawasaki plant, 4-1-1, kamikodanaka nakahara-ku, kawasaki-shi kanagawa 211-88, japan tel: (044) 754-3763 fax: (044) 754-3329 north and south america fujitsu microelectronics, inc. semiconductor division 3545 north first street san jose, ca 95134-1804, u.s.a. tel: (408) 922-9000 fax: (408) 432-9044/9045 europe fujitsu mikroelektronik gmbh am siebenstein 6-10 63303 dreieich-buchschlag germany tel: (06103) 690-0 fax: (06103) 690-122 asia paci? fujitsu microelectronics asia pte. limited #05-08, 151 lorong chuan new tech park singapore 556741 tel: (65) 281-0770 fax: (65) 281-0220 f9703 ? fujitsu limited printed in japan all rights reserved. the contents of this document are subject to change without notice. customers are advised to consult with fujitsu sales representatives before ordering. the information and circuit diagrams in this document presented as examples of semiconductor device applications, and are not intended to be incorporated in devices for actual use. also, fujitsu is unable to assume responsibility for infringement of any patent rights or other rights of third parties arising from the use of this information or circuit diagrams. fujitsu semiconductor devices are intended for use in standard applications (computers, office automation and other office equipment, industrial, communications, and measurement equipment, personal or household devices, etc.). caution: customers considering the use of our products in special applications where failure or abnormal operation may directly affect human lives or cause physical injury or property damage, or where extremely high levels of reliability are demanded (such as aerospace systems, atomic energy controls, sea floor repeaters, vehicle operating controls, medical devices for life support, etc.) are requested to consult with fujitsu sales representatives before such use. the company will not be responsible for damages arising from such use without prior approval. any semiconductor devices have inherently a certain rate of failure. you must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. if any products described in this document represent goods or technologies subject to certain restrictions on export under the foreign exchange and foreign trade control law of japan, the prior authorization by japanese government should be required for export of those products from japan.


▲Up To Search▲   

 
Price & Availability of MB15E05PFV1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X